Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PPC5606BAMLL4R Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza PPC5606BAMLL4R
Descripción Electrónicos  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5606BAMLL4R Datasheet(HTML) 3 Page - NXP Semiconductors

  PPC5606BAMLL4R Datasheet HTML 1Page - NXP Semiconductors PPC5606BAMLL4R Datasheet HTML 2Page - NXP Semiconductors PPC5606BAMLL4R Datasheet HTML 3Page - NXP Semiconductors PPC5606BAMLL4R Datasheet HTML 4Page - NXP Semiconductors PPC5606BAMLL4R Datasheet HTML 5Page - NXP Semiconductors PPC5606BAMLL4R Datasheet HTML 6Page - NXP Semiconductors PPC5606BAMLL4R Datasheet HTML 7Page - NXP Semiconductors PPC5606BAMLL4R Datasheet HTML 8Page - NXP Semiconductors PPC5606BAMLL4R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 114 page
background image
Introduction
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
3
1
Introduction
This document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the device.
1.1
Description
This family of 32-bit system-on-chip (SoC) microcontrollers is the latest achievement in integrated automotive application
controllers. It belongs to an expanding family of automotive-focused products designed to address the next wave of body
electronics applications within the vehicle.
The advanced and cost-efficient e200z0h host processor core of this automotive controller family complies with the
Power Architecture technology and only implements the VLE (variable-length encoding) APU (Auxiliary Processor Unit),
providing improved code density. It operates at speeds of up to 64 MHz and offers high performance processing optimized for
low power consumption. It capitalizes on the available development infrastructure of current Power Architecture devices and
is supported with software drivers, operating systems and configuration code to assist with users implementations.
Table 1. MPC5607B family comparison1
Feature
MPC5605B
MPC5606B
MPC5607B
CPU
e200z0h
Execution speed2
Up to 64 MHz
Code flash memory
768 KB
1 MB
1.5 MB
Data flash memory
64 (4
× 16) KB
SRAM
64 KB
80 KB
96 KB
MPU
8-entry
eDMA
16 ch
10-bit ADC
Yes
dedicated3
7 ch
15ch
29ch
15ch
29ch
shared with 12-bit ADC
19 ch
12-bit ADC
Yes
dedicated4
5 ch
shared with 10-bit ADC
19 ch
Total timer I/O5 eMIOS
37 ch,
16-bit
64 ch, 16-bit
Counter / OPWM / ICOC6
10 ch
O(I)PWM / OPWFMB /
OPWMCB / ICOC7
7ch
O(I)PWM / ICOC8
7ch
14 ch
OPWM / ICOC9
13 ch
33 ch
SCI (LINFlex)
4
8
10
SPI (DSPI)
3
5
6
5
6
CAN (FlexCAN)
6
I2C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com