Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PPC5606BAMLL6R Datasheet(PDF) 57 Page - NXP Semiconductors

No. de pieza PPC5606BAMLL6R
Descripción Electrónicos  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5606BAMLL6R Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PPC5606BAMLL6R Datasheet HTML 53Page - NXP Semiconductors PPC5606BAMLL6R Datasheet HTML 54Page - NXP Semiconductors PPC5606BAMLL6R Datasheet HTML 55Page - NXP Semiconductors PPC5606BAMLL6R Datasheet HTML 56Page - NXP Semiconductors PPC5606BAMLL6R Datasheet HTML 57Page - NXP Semiconductors PPC5606BAMLL6R Datasheet HTML 58Page - NXP Semiconductors PPC5606BAMLL6R Datasheet HTML 59Page - NXP Semiconductors PPC5606BAMLL6R Datasheet HTML 60Page - NXP Semiconductors PPC5606BAMLL6R Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
57
4.7
Power management electrical characteristics
4.7.1
Voltage regulator electrical characteristics
The device implements an internal voltage regulator to generate the low voltage core supply VDD_LV from
the high voltage ballast supply VDD_BV. The regulator itself is supplied by the common I/O supply VDD.
The following supplies are involved:
•
HV: High voltage external power supply for voltage regulator module. This must be provided
externally through VDD power pin.
•
BV: High voltage external power supply for internal ballast module. This must be provided
externally through VDD_BV power pin. Voltage values should be aligned with VDD.
•
LV: Low voltage internal power supply for core, FMPLL and Flash digital logic. This is generated
by the internal voltage regulator but provided outside to connect stability capacitor. It is further
split into four main domains to ensure noise isolation between critical LV modules within the
device:
— LV_COR: Low voltage supply for the core. It is also used to provide supply for FMPLL
through double bonding.
— LV_CFLA: Low voltage supply for code flash module. It is supplied with dedicated ballast and
shorted to LV_COR through double bonding.
— LV_DFLA: Low voltage supply for data flash module. It is supplied with dedicated ballast and
shorted to LV_COR through double bonding.
— LV_PLL: Low voltage supply for FMPLL. It is shorted to LV_COR through double bonding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com