Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM393W Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza LM393W
Descripción Electrónicos  LOW POWER DUAL VOLTAGE COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM393W Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM393W Datasheet HTML 2Page - STMicroelectronics LM393W Datasheet HTML 3Page - STMicroelectronics LM393W Datasheet HTML 4Page - STMicroelectronics LM393W Datasheet HTML 5Page - STMicroelectronics LM393W Datasheet HTML 6Page - STMicroelectronics LM393W Datasheet HTML 7Page - STMicroelectronics LM393W Datasheet HTML 8Page - STMicroelectronics LM393W Datasheet HTML 9Page - STMicroelectronics LM393W Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LM193W - LM293W - LM393W
8/10
PACKAGE MECHANICAL DATA
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Plastic DIP-8 MECHANICAL DATA
P001F



Html Pages

1 2 3 4 5 6 7 8 9 10