| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SF5404 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SF5404 Datasheet(HTML) 4 Page - Vishay Siliconix |
|
4 / 5 page ![]() SF5400, SF5401, SF5402, SF5403, SF5404, SF5405, SF5406, SF5407, SF5408 www.vishay.com Vishay Semiconductors Rev. 1.9, 22-Feb-18 4 Document Number: 86061 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Fig. 7 - Max. Forward Current vs. Forward Voltage Fig. 8 - Max. Reverse Current vs. Junction Temperature Fig. 9 - Max. Reverse Power Dissipation vs. Junction Temperature Fig. 10 - Diode Capacitance vs. Reverse Voltage PACKAGE DIMENSIONS in millimeters (inches): SOD-64 0.001 0.01 0.1 1 10 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 96 12059 VF - Forward Voltage (V) SF5405 to SF5408 T j = 175 °C T j = 25 °C 96 12065 1 10 100 1000 25 50 75 100 125 150 175 Tj - Junction Temperature (°C) SF5400 to SF5408 V R = VRRM 0 50 100 150 200 250 300 350 400 450 25 50 75 100 125 150 175 16478 Tj - Junction Temperature (°C) V R = VRRM SF5404 SF5404 SF5408 P R - Limit at 100 % VR SF5408 P R - Limit at 80 % VR P R - Limit at 100 % VR P R - Limit at 80 % VR 0 20 40 60 80 100 120 0.1 1 10 100 16479 f = 1 MHz SF5404 SF5408 VR - Reverse Voltage (V) Cathode Identification 4.3 (0.168) max. 1.35 (0.053) max. 4 (0.156) max. Sintered Glass Case SOD-64 26(1.014) min. 26 (1.014) min. Document-No.: 6.563-5006.4-4 Rev. 3 - Date: 09.February.2005 94 9587 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |