Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EVAL-ADE7913EBZ Datasheet(PDF) 37 Page - Analog Devices

No. de pieza EVAL-ADE7913EBZ
Descripción Electrónicos  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7913EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button EVAL-ADE7913EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Data Sheet
ADE7912/ADE7913
Rev. C | Page 37 of 41
LAYOUT GUIDELINES
For detailed information on the layout guidelines to follow
when using the ADE7912/ADE7913, use the AN-1332
Application Note, Architecting a Direct, 3-Phase Energy Meter
with Shunts Using the ADE7912/ADE7913.
ADE7913 EVALUATION BOARD
An evaluation board built upon the ADE7913 allows users
to quickly evaluate this IC. It is used in conjunction with
the system demonstration platform (EVAL-SDP-CB1Z).
Order both the ADE7913 evaluation board and the system
demonstration platform from the ADE7913 product page to
evaluate the ADE7913.
ADE7912/ADE7913 VERSION
Bits[2:0] (version) in the STATUS1 register identify the version
of the ADE7912/ADE7913.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41