Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0FHM0003ZXJS Datasheet(PDF) 2 Page - Littelfuse

No. de pieza 0FHM0003ZXJS
Descripción Electrónicos  MINI짰 FHM SERIES 32-58V IN-LINE WATERPROOF BLADE FUSE HOLDER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0FHM0003ZXJS Datasheet(HTML) 2 Page - Littelfuse

  0FHM0003ZXJS Datasheet HTML 1Page - Littelfuse 0FHM0003ZXJS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Littelfuse.com
© 2021 Littelfuse, Inc.
080421-A
MINI® FHM SERIES
32V IN-LINE WATERPROOF BLADE FUSE HOLDER
PART NUMBER
DESCRIPTION
CURRENT
RATING MAX 
FUSE TYPE
MOUNTING METHOD
MAX VOLTAGE
RATING
0FHM0001HXGLO
32V Smart Glow In-Line Waterproof Blade Fuse Holder -
20A, 14 AWG Red UL-1015 Leads - 100 Pcs.
20 AMPS
MINI (SMART
GLOW)
In-Line Fuse Holder
32V DC
0FHM0001LXN
58V Standard-Duty In-Line Waterproof Blade Fuse Holder -
20A, 14 AWG Black GXL Leads - Packed 50
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0001SXJ
58V Standard-Duty In-Line Waterproof Blade Fuse Holder -
20A, 14 AWG Black GXL Leads
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0001XP
58V Standard-Duty In-Line Waterproof Blade Fuse Holder -
20A, 14 AWG Black GXL Leads - Blister Pack - 100 Pcs.
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0001XPGLO
32V Smart Glow In-Line Waterproof Blade Fuse Holder -
20A, 14 AWG Red UL-1015 Leads - Blister Pack - 100 Pcs.
20 AMPS
MINI (SMART
GLOW)
In-Line Fuse Holder
32V DC
0FHM0001XPGLOFUS
32V Smart Glow In-Line Waterproof Blade Fuse Holder -
20A, 14 AWG Black GXL Leads - Blister Pack - 100 Pcs.
20 AMPS
MINI (SMART
GLOW)
In-Line Fuse Holder
32V DC
0FHM0001ZXJ-F7.5
58V Standard-Duty In-Line Waterproof Blade Fuse Holder
with 7.5-Amp Fuse - 14 AWG Black GXL Leads - 1,000 Pcs.
7.5 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0001ZXJ-T
58V Standard-Duty In-Line Waterproof Blade Fuse Holder -
20A, 14 AWG Red GXL Leads with Terminals
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0002LXN
58V Heavy-Duty In-Line Waterproof Blade Fuse Holder -
30A, 12 AWG Orange GXL Leads - Packed 50
30 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0002SXJ
58V Heavy-Duty In-Line Waterproof Blade Fuse Holder -
30A, 12 AWG Orange GXL Leads
30 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0002XP
58V Heavy-Duty In-Line Waterproof Blade Fuse Holder -
30A, 12 AWG Orange GXL Leads - Blister Pack - 100 Pcs.
30 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0002ZXJA
58V Heavy-Duty In-Line Waterproof Blade Fuse Holder -
30A, 3.7” 12 AWG Red/Orange GXL Leads
30 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0002ZXJB
58V Heavy-Duty In-Line Waterproof Blade Fuse Holder -
30A, 6.575” 12 AWG Orange/Red GXL Leads
30 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0002ZXJF
58V Heavy-Duty In-Line Waterproof Blade Fuse Holder -
30A, 2.36” 12 AWG Orange GXL Leads
30 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0002ZXJL
58V Heavy-Duty In-Line Waterproof Blade Fuse Holder -
30A, 3.68” 12 AWG Red/Orange GXL Leads
30 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0002ZXJM
58V Heavy-Duty In-Line Waterproof Blade Fuse Holder -
30A, 3.7” 12 AWG Orange GXL Leads
30 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0002ZXJN
58V Heavy-Duty In-Line Waterproof Blade Fuse Holder -
30A, 3.7” 12 AWG Orange GXL Leads with No End Strips
30 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0001ZXJA
58V Standard-Duty In-Line Waterproof Blade Fuse Holder -
20A, 14 AWG Red GXL Leads
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0001ZXJ-RED
58V Standard-Duty In-Line Waterproof Blade Fuse Holder -
20A, 3.7” 14 AWG Red GXL Leads
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0003ZXJB
58V Standard-Duty In-Line Waterproof Blade Fuse Holder -
20A, 3.68” 16 AWG Black GXL Leads
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0003ZXJC-F10
58V Standard-Duty In-Line Waterproof Blade Fuse Holder
with 10-Amp Fuse - 16 AWG Black GXL Leads
10 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0003ZXJF
58V Standard-Duty In-Line Waterproof Blade Fuse Holder -
20A, 16 AWG & 14 AWG GXL Leads
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0003ZXJH
58V Standard-Duty In-Line Waterproof Blade Fuse Holder -
20A, 10.9” 16 AWG Orange GXL Leads
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0003ZXJP-F5
58V In-Line Waterproof Blade Fuse Holder with 5-Amp Fuse -
3.7” 18 AWG Black TXL Leads
5 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0003ZXJS
58V In-Line Waterproof Blade Fuse Holder -
20A, 3.7” 18 AWG Black TXL Leads
20 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0003ZXJT-F5
58V In-Line Waterproof Blade Fuse Holder
with 5-Amp Fuse - 18 AWG Black TXL Leads with No End Strips
5 AMPS
MINI
In-Line Fuse Holder
32-58V DC
0FHM0003ZXJV-F2
58V In-Line Waterproof Blade Fuse Holder
with 2-Amp Fuse - 17.72” 18 AWG Black TXL Leads
2 AMPS
MINI
In-Line Fuse Holder
32-58V DC
Ordering Information



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com