Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP258W Datasheet(PDF) 2 Page - Rectron Semiconductor

No. de pieza MP258W
Descripción Electrónicos  VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECTRON [Rectron Semiconductor]
Página de inicio  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP258W Datasheet(HTML) 2 Page - Rectron Semiconductor

  MP258W Datasheet HTML 1Page - Rectron Semiconductor MP258W Datasheet HTML 2Page - Rectron Semiconductor MP258W Datasheet HTML 3Page - Rectron Semiconductor MP258W Datasheet HTML 4Page - Rectron Semiconductor MP258W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC CURVES( MP2505W THRU MP2510W )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( %)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
100
10
1
0.1
0
20
40
60
80
100
120
140
TA = 25
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
500
400
300
200
100
0
1
2
4
6 8 10
20
40 60 80100
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
INSTANTANEOUS FORWARD VOLTAGE, (V)
100
10
1.0
.1
.01
.8
.6
.7
.9
1.0
1.1
1.2
1.3
CHARACTERISTICS
TJ = 25
Pulse Width = 300us
1% Duty Cycle
FIG. 2 - TYPICAL FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE, (
)
25
20
15
10
5
0
0
50
100
150
175
60 Hz RESISTIVE OR
INDUCTIVE LOAD



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com