Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPSC600 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza UPSC600
Descripción Electrónicos  Silicon Carbide Schottky Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPSC600 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPSC600 Datasheet HTML 1Page - Microsemi Corporation UPSC600 Datasheet HTML 2Page - Microsemi Corporation UPSC600 Datasheet HTML 3Page - Microsemi Corporation UPSC600 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P
P R
R E
E L
L II M
M II N
N A
A R
R Y
Y
Microsemi
580 Pleasant Street, Watertown, MA. 02472-2408, 617-926-0404, Fax: 617-924-1235
Page 1
Copyright
 2001
Rev. 0.02, 2001-09-26
UPSC200/UPSC400/UPSC600
Silicon Carbide Schottky Rectifiers
PRODUCT PREVIEW
WA TER T O WN D I V I S IO N
DESCRI PTION
DESCRI PTION
DESCRI PTION
DESCRI PTION
In Microsemi’s new Powermite® SMT
package, these high efficiency ultrafast
rectifiers offer the power hand
ling
capabilities previously found only in
much larger packages. They are ideal
for SMD applications that operate at
high frequencies.
In addition to its size advantages,
Powermite® package features include a full
metallic bottom that eliminates the
possibility of solder flux entrapment during
assembly, and a unique locking tab acts as
an integral heat sink. Its innovative design
makes this device ideal for use with
automatic insertion equipment.
IMPORTANT:Forthemostcurrentdata,consultMICROSEMI’s website: http://www.microsemi.com
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Reverse Voltage, UPSC200
V
200
Vdc
Maximum Reverse Voltage, UPSC400
V
400
Vdc
Maximum Reverse Voltage, UPSC600
V
600
Vdc
Maximum Average Output Current,
TTAB =75°C
T
1.0
Adc
Non-Repetitive Sinusoidal Surge Current
(8.3 mS)
I
10
A
Storage Temperature
T stg
-55 to +150
ºC
Operating Temperature
T op
-55 to +150
ºC
THERMAL CHARACTERISTICS
(UNLESS OTHERWISE SPECIFIED)
Thermal Resistance
Junction-to Tab
Rjtab
30
ºC/Watt
Junction-to Bottom
Rja (1)
10
ºC/Watt
(1) When Mounted on PC board with 2 ounce copper pattern.
KEY FEATU R ES
KEY FEATU R ES
KEY FEATU R ES
KEY FEATU R ES
High power surface mount
package.
Silicon carbide Schottky rectifiers
no reverse voltage recovery.
Internal heat sink locking tabs
Low forward voltage.
Full metallic bottom eliminates
flux entrapment
Compatible with automatic
insertion equipment
Low profile-maximum height of
1mm supplied in 8mm tape and
reel- 3,000 units/ 7” reel; 12,000
units/ 12” reel
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
Switching and Regulating Power
Supplies.
Charge Pump Circuits.
Reduces reverse recovery loss
due to low IRM.
Small foot print
100 X 105 mils
1:1 Actual size


Número de pieza similar - UPSC600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
UPSC603 MICROSEMI-UPSC603 Datasheet
228Kb / 4P
Silicon Carbide Schottky Rectifiers
More results

Descripción similar - UPSC600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
logo
Microsemi Corporation
UPSC203 MICROSEMI-UPSC203 Datasheet
228Kb / 4P
Silicon Carbide Schottky Rectifiers
logo
Infineon Technologies A...
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
logo
Solid States Devices, I...
SSR20C SSDI-SSR20C Datasheet
87Kb / 2P
Schottky Silicon Carbide
logo
Cree, Inc
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
logo
Solid States Devices, I...
RS0032C SSDI-RS0032C Datasheet
143Kb / 2P
Schottky Silicon Carbide
RS0032C SSDI-RS0032C_15 Datasheet
143Kb / 2P
Schottky Silicon Carbide
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com