Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BCC09ML Datasheet(PDF) 2 Page - Balluff Korea Ltd.

No. de pieza BCC09ML
Descripción Electrónicos  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC09ML Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCC09ML Datasheet HTML 1Page - Balluff Korea Ltd. BCC09ML Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Ended Cordsets
BCC M415-0000-1A-067-PS75N6-100
Order Code: BCC09ML
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 189401
ETIM 6.0: EC001855
BCC09ML_0.81_2022-06-12
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20236
Flame resistance acc. to IEC 60332-1 and VW1 UL1581
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1: shield
PIN 2: red (AWG22)
PIN 3: black (AWG22)
PIN 4: white (AWG24)
PIN 5 blue (AWG24)
Wiring Diagrams
1) Shield on PIN 1



Html Pages

1 2