Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

B0520W Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

No. de pieza B0520W
Descripción Electrónicos  SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AITSEMI [AiT Semiconductor Inc.]
Página de inicio  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

B0520W Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  B0520W Datasheet HTML 1Page - AiT Semiconductor Inc. B0520W Datasheet HTML 2Page - AiT Semiconductor Inc. B0520W Datasheet HTML 3Page - AiT Semiconductor Inc. B0520W Datasheet HTML 4Page - AiT Semiconductor Inc. B0520W Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
B0520W~B0540W
SCHOTTKY DIODES
SCHOTTKY BARRIER DIODES
REV1.0
- MAR 2015 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The B0520W~B0540W are available in SOD-323
package
Low Forward Voltage Drop
Guard Ring Construction For
Transient Protection.
Negligible Reverse Recovery Time.
Low Reverse Capacitance.
RoHS Compliant
Available in SOD-323 package
ORDERING INFORMATION
Package Type
Part Number
SOD-323
B0520W
B0530W
B0540W
Note
SPQ:3,000pcs/Reel
AiT provides all RoHS Compliant Products
APPLICATIONS
Schotty barrier switching.
PIN DESCRIPTION


Número de pieza similar - B0520W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
B0520W DIODES-B0520W Datasheet
65Kb / 2P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30140 Rev. 2A-0
logo
Taiwan Semiconductor Co...
B0520W TSC-B0520W Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
logo
Weitron Technology
B0520W WEITRON-B0520W Datasheet
197Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Jinan Jingheng (Group) ...
B0520W JINANJINGHENG-B0520W Datasheet
259Kb / 2P
SOD-123 Plastic-Encapsulate Schottky Barrier Diode
logo
Microdiode Semiconducto...
B0520W CHENDA-B0520W Datasheet
530Kb / 2P
SCHOTTKY DIODE
More results

Descripción similar - B0520W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com