Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB2S Datasheet(PDF) 5 Page - AiT Semiconductor Inc.

No. de pieza MB2S
Descripción Electrónicos  BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AITSEMI [AiT Semiconductor Inc.]
Página de inicio  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MB2S Datasheet(HTML) 5 Page - AiT Semiconductor Inc.

  MB2S Datasheet HTML 1Page - AiT Semiconductor Inc. MB2S Datasheet HTML 2Page - AiT Semiconductor Inc. MB2S Datasheet HTML 3Page - AiT Semiconductor Inc. MB2S Datasheet HTML 4Page - AiT Semiconductor Inc. MB2S Datasheet HTML 5Page - AiT Semiconductor Inc. MB2S Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AiT
Semiconductor
Inc.
www.ait-ic.com
MB1S~MB10S
BRIDGE RECTIFIER
REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
- AUG 2017 RELEASED -
- 5 -
PACKAGE INFORMATION
Dimension in MBS Package (Unit: mm)
Plastic surface mounted package; 4 leads
The recommended mounting pad size
UNIT
A
C
D
E
HE
d
e
L
L1
a
mm
max
2.6
0.22
5.0
4.1
7.0
2.7
0.7
1.7
1.1
0.2
min
2.2
0.15
4.5
3.6
6.4
2.3
0.5
1.3
0.5
-
mil
max
102
8.7
197
161
276
106
28
67
43
8
min
94
5.9
177
142
252
91
20
51
20
-



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com