| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SQJ150EP Datasheet(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SQJ150EP Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 8 page ![]() SQJ150EP www.vishay.com Vishay Siliconix S20-0229-Rev. A, 06-Apr-2020 2 Document Number: 77299 For technical questions, contact: automostechsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes a. Pulse test; pulse width 300 μs, duty cycle 2 % b. Guaranteed by design, not subject to production testing c. Independent of operating temperature Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS (TC = 25 °C, unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Static Drain-source breakdown voltage VDS VGS = 0, ID = 250 μA 40 - - V Gate-source threshold voltage VGS(th) VDS = VGS, ID = 250 μA 2.5 3.0 3.5 Gate-source leakage IGSS VDS = 0 V, VGS = ± 20 V - - ± 100 nA Zero gate voltage drain current IDSS VGS = 0 V VDS = 40 V - - 1 μA VGS = 0 V VDS = 40 V, TJ = 125 °C - - 50 VGS = 0 V VDS = 40 V, TJ = 175 °C - - 250 On-state drain current a ID(on) VGS = 10 V VDS 5 V 30 - - A Drain-source on-state resistance a RDS(on) VGS = 10 V ID = 15 A - 0.0068 0.0084 VGS = 10 V ID = 15 A, TJ = 125 °C - - 0.0128 VGS = 10 V ID = 15 A, TJ = 175 °C - - 0.0152 Forward transconductance b gfs VDS = 15 V, ID = 10 A - 40 - S Dynamic b Input capacitance Ciss VGS = 0 V VDS = 25 V, f = 1 MHz - 910 1274 pF Output capacitance Coss - 362 508 Reverse transfer capacitance Crss -43 60 Total gate charge c Qg VGS = 10 V VDS = 20 V, ID = 15 A -15 20 nC Gate-source charge c Qgs -4.9 - Gate-drain charge c Qgd -3.5 - Gate resistance Rg f = 1 MHz 1.9 4.2 6.7 Turn-on delay time c td(on) VDD = 20 V, RL = 0.5 ID 40 A, VGEN = 10 V, Rg = 1 -18 24 ns Rise time c tr -17 21 Turn-off delay time c td(off) -35 44 Fall time c tf -13 17 Source-Drain Diode Ratings and Characteristics b Pulsed current a ISM -- 168 A Forward voltage VSD IF = 15 A, VGS = 0 V - - 1.1 V Body diode reverse recovery time trr IF = 6 A, di/dt = 100 A/μs -25 36 ns Body diode reverse recovery charge Qrr -10 14 nC Reverse recovery fall time ta -10 14 ns Reverse recovery rise time tb -15 21 Body diode peak reverse recovery current IRM(REC) -0.8 1.1 A |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |