Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADP5589ACPZ-02-R7 Datasheet(PDF) 21 Page - Analog Devices

No. de pieza ADP5589ACPZ-02-R7
Descripción Electrónicos  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-02-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5589ACPZ-02-R7 Datasheet HTML 17Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 18Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 19Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 20Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 21Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 22Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 23Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 24Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 21 of 52
REGISTER MAP
Table 6.
Addr.
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
R
MAN_ID
REV_ID
0x01
R/W
Reserved
LOGIC2_INT
LOGIC1_
INT
LOCK_INT
OVRFLOW_
INT
GPI_INT
EVENT_INT
0x02
R
LOGIC2_STAT
LOGIC1_STAT
LOCK_STAT
EC[4:0]
0x03
R
Event1_State
EVENT1_IDENTIFIER[6:0]
0x04
R
Event2_State
EVENT2_IDENTIFIER[6:0]
0x05
R
Event3_State
EVENT3_IDENTIFIER[6:0]
0x06
R
Event4_State
EVENT4_IDENTIFIER[6:0]
0x07
R
Event5_State
EVENT5_IDENTIFIER[6:0]
0x08
R
Event6_State
EVENT6_IDENTIFIER[6:0]
0x09
R
Event7_State
EVENT7_IDENTIFIER[6:0]
0x0A
R
Event8_State
EVENT8_IDENTIFIER[6:0]
0x0B
R
Event9_State
EVENT9_IDENTIFIER[6:0]
0x0C
R
Event10_State
EVENT10_IDENTIFIER[6:0]
0x0D
R
Event11_State
EVENT11_IDENTIFIER[6:0]
0x0E
R
Event12_State
EVENT12_IDENTIFIER[6:0]
0x0F
R
Event13_State
EVENT13_IDENTIFIER[6:0]
0x10
R
Event14_State
EVENT14_IDENTIFIER[6:0]
0x11
R
Event15_State
EVENT15_IDENTIFIER[6:0]
0x12
R
Event16_State
EVENT16_IDENTIFIER[6:0]
0x13
R
GPI_INT_STAT_A[7:0]
0x14
R
GPI_INT_STAT_B[7:0]
0x15
R
Reserved
GPI_INT_STAT_C[2:0]
0x16
R
GPI_STATUS_A[7:0]
0x17
R
GPI_STATUS_B[7:0]
0x18
R
Reserved
GPI_STATUS_C[2:0]
0x19
R/W
RPULL_CONFIG_A[7:0]
0x1A
R/W
RPULL_CONFIG_B[7:0]
0x1B
R/W
RPULL_CONFIG_C[7:0]
0x1C
R/W
RPULL_CONFIG_D[7:0]
0x1D
R/W
Reserved
RPULL_CONFIG_E[5:0]
0x1E
R/W
GPI_INT_LEVEL_A[7:0]
0x1F
R/W
GPI_INT_LEVEL_B[7:0]
0x20
R/W
Reserved
GPI_INT_LEVEL_C[2:0]
0x21
R/W
GPI_EVENT_EN_A[7:0]
0x22
R/W
GPI_EVENT_EN_B[7:0]
0x23
R/W
Reserved
GPI_EVENT_EN_C[2:0]
0x24
R/W
GPI_INTERRUPT_EN_A[7:0]
0x25
R/W
GPI_INTERRUPT_EN_B[7:0]
0x26
R/W
Reserved
GPI_INTERRUPT_EN_C[2:0]
0x27
R/W
DEBOUNCE_DIS_A[7:0]
0x28
R/W
DEBOUNCE_DIS_B[7:0]
0x29
R/W
Reserved
DEBOUNCE_DIS_C[2:0]
0x2A
R/W
GPO_DATA_OUT_A[7:0]
0x2B
R/W
GPO_DATA_OUT_B[7:0]
0x2C
R/W
Reserved
GPO_DATA_OUT_C[2:0]
0x2D
R/W
GPO_OUT_MODE_A[7:0]
0x2E
R/W
GPO_OUT_MODE_B[7:0]
0x2F
R/W
Reserved
GPO_OUT_MODE_C[2:0]
0x30
R/W
GPIO_DIRECTION_A[7:0]
0x31
R/W
GPIO_DIRECTION_B[7:0]
0x32
R/W
Reserved
GPIO_DIRECTION_C[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com