Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADP5589ACBZ-02-R7 Datasheet(PDF) 45 Page - Analog Devices

No. de pieza ADP5589ACBZ-02-R7
Descripción Electrónicos  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-02-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP5589ACBZ-02-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 42Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 43Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 44Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 45Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 46Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 47Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 48Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 45 of 52
PIN_CONFIG_A Register 0x49
Table 81. PIN_CONFIG_A Bit Descriptions
Bits
Name
R/W
Description
7
R7_CONFIG
R/W
0 = GPIO 8.
1 = Row 7.
6
R6_CONFIG
R/W
0 = GPIO 7.
1 = Row 6.
5
R5_CONFIG
R/W
0 = GPIO 6.
1 = Row 5.
4
R4_CONFIG
R/W
0 = GPIO 5 (see R4_EXTEND_CFG in
PIN_CONFIG_D Register 0x4C
Table 84 for alternate configuration, RESET1).
1 = Row 4.
3
R3_CONFIG
R/W
0 = GPIO 4 (see R3_EXTEND_CFG[1:0] in
PIN_CONFIG_D Register 0x4C
Table 84 for alternate configuration, LC1/PWM_OUT/CLK_OUT).
1 = Row 3.
2
R2_CONFIG
R/W
0 = GPIO 3.
1 = Row 2.
1
R1_CONFIG
R/W
0 = GPIO 2.
1 = Row 1.
0
R0_CONFIG
R/W
0 = GPIO 1 (see R0_EXTEND_CFG in
PIN_CONFIG_D Register 0x4C
Table 84 for alternate configuration, LY1).
1 = Row 0.
PIN_CONFIG_B Register 0x4A
Table 82. PIN_CONFIG_B Bit Descriptions
Bits
Name
R/W
Description
7
C7_CONFIG
R/W
0 = GPIO 16.
1 = Column 7.
6
C6_CONFIG
R/W
0 = GPIO 15 (see C6_EXTEND_CFG in
PIN_CONFIG_D Register 0x4C
Table 84 for alternate configuration, LC2).
1 = Column 6.
5
C5_CONFIG
R/W
0 = GPIO 14.
1 = Column 5.
4
C4_CONFIG
R/W
0 = GPIO 13 (see C4_EXTEND_CFG in
PIN_CONFIG_D Register 0x4C
Table 84 for alternate configuration, RESET2).
1 = Column 4.
3
C3_CONFIG
R/W
0 = GPIO 12.
1 = Column 3.
2
C2_CONFIG
R/W
0 = GPIO 11.
1 = Column 2.
1
C1_CONFIG
R/W
0 = GPIO 10.
1 = Column 1.
0
C0_CONFIG
R/W
0 = GPIO 9.
1 = Column 0.
PIN_CONFIG_C Register 0x4B
Table 83. PIN_CONFIG_C Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
Reserved.
2
C10_CONFIG
R/W
0 = GPIO 19.
1 = Column 10.
1
C9_CONFIG
R/W
0 = GPIO 18 (see C9_EXTEND_CFG in
PIN_CONFIG_D Register 0x4C
Table 84 for alternate configuration, LY2).
1 = Column 9.
0
C8_CONFIG
R/W
0 = GPIO 17.
1 = Column 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com