Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1182K9 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

No. de pieza 1182K9
Descripción Electrónicos  Toroid Power Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1182K9 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1182K9 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1182K9 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1182K9 Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1182K9 Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1182K9 Datasheet HTML 5Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part No.
VA
VAC Secondary (RMS)
Dual or Single
% Voltage
Toroid
Dim.
Series
Parallel
Secondary
Regulation
Center
Ref
1182L6
30
12V C.T. @ 2.5A
6V @ 5A
Dual
11.70%
Open
B
1182N6
50
12V C.T. @ 4.17A
6V @ 8.34A
Dual
12.60%
Open
C
1182Q6
80
12V C.T. @ 6.67A
6V @ 13.34A
Dual
9.70%
Open
D
1182K9
30
18V C.T. @ 1.67A
9V @ 3.34A
Dual
12.80%
Open
B
1182M9
50
18V C.T. @ 2.78A
9V @ 5.56A
Dual
13.20%
Open
C
1182N9
80
18V C.T. @ 4.44A
9V @ 8.88A
Dual
10.50%
Open
D
1182Q9
120
18V C.T. @ 6.67A
9V @ 13.34A
Dual
9.00%
Open
E
1182K12
30
24V C.T. @ 1.25A
12V @ 2.5A
Dual
11.70%
Open
B
1182L12
50
24V C.T. @ 2.08A
12V @ 4.16A
Dual
12.60%
Open
C
1182M12
80
24V C.T. @ 3.33A
12V @ 6.66A
Dual
9.70%
Open
D
1182P12
120
24V C.T. @ 5A
12V @ 10A
Dual
7.70%
Open
E
1182Q12
160
24V C.T. @ 6.67A
12V @ 13.34A
Dual
7.70%
Open
F
1182S12
225
24V C.T. @ 9.38A
12V @ 18.76A
Dual
7.20%
Open
G
1182T12
300
24V C.T. @ 12.5A
12V @ 25A
Dual
7.10%
Open
H
1182W12
1000
24V C.T. @ 41.7A
12V @ 83.4A
Dual
2.20%
Open
L-1
1182J15
30
30V C.T. @ 1A
15V @ 2A
Dual
12.30%
Open
B
1182K15
50
30V C.T. @ 1.67A
15V @ 3.34A
Dual
13.00%
Open
C
1182M15
80
30V C.T. @ 2.67A
15V @ 5.34A
Dual
10.20%
Open
D
1182N15
120
30V C.T. @ 4A
15V @ 8A
Dual
8.50%
Open
E
1182P15
160
30V C.T. @ 5.33A
15V @ 10.66A
Dual
7.00%
Open
F
1182H15
225
30V C.T. @ 7.5A
15V @ 15A
Dual
7.20%
Open
G
1182S15
300
30V C.T. @ 10A
15V @ 20A
Dual
5.00%
Open
H
1182H18
30
36V C.T. @ 0.83A
18V @ 1.66A
Dual
12.20%
Open
B
1182J18
50
36V C.T. @ 1.39A
18V @ 2.78A
Dual
13.80%
Open
C
1182L18
80
36V C.T. @ 2.22A
18V @ 4.44A
Dual
10.50%
Open
D
1182M18
120
36V C.T. @ 3.33A
18V @ 6.66A
Dual
7.70%
Open
E
1182N18
160
36V C.T. @ 4.44A
18V @ 8.88A
Dual
7.70%
Open
F
1182G18
225
36V C.T. @ 6.25A
18V @ 12.5A
Dual
7.30%
Open
G
1182G22
30
44V C.T. @ 0.68A
22V @ 1.36A
Dual
12.60%
Open
B
1182J22
50
44V C.T. @ 1.14A
22V @ 2.28A
Dual
14.20%
Open
C
1182L22
80
44V C.T. @ 1.82A
22V @ 3.64A
Dual
10.40%
Open
D
1182M22
120
44V C.T. @ 2.73A
22V @ 5.46A
Dual
8.40%
Open
E



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com