Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DC40D Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza DC40D
Descripción Electrónicos  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DC40D Datasheet(HTML) 3 Page - Microchip Technology

  DC40D Datasheet HTML 1Page - Microchip Technology DC40D Datasheet HTML 2Page - Microchip Technology DC40D Datasheet HTML 3Page - Microchip Technology DC40D Datasheet HTML 4Page - Microchip Technology DC40D Datasheet HTML 5Page - Microchip Technology DC40D Datasheet HTML 6Page - Microchip Technology DC40D Datasheet HTML 7Page - Microchip Technology DC40D Datasheet HTML 8Page - Microchip Technology DC40D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 3
PIC24FJ256GA705 FAMILY
Pin Diagrams (PIC24FJ256GA702 Devices)
Legend: See Table 2 for a complete description of pin functions. Pinouts are subject to change.
Note: Gray shading indicates 5.5V tolerant input pins.
28-Pin QFN, UQFN
VSS
VSS
VCAP
RB12
RB0
RB1
RB2
RB3
RA2
RA3
RB9
RB10
RB11
RB13
10 11
2
3
6
1
18
19
12 13 14
15
8
7
16
17
23
24
25
26
27
28
9
PIC24FJ256GA702
5
4
20
21
22
TABLE 2:
COMPLETE PIN FUNCTION DESCRIPTIONS (
PIC24FJ256GA702 QFN, UQFN)
Pin
Function
Pin
Function
1
PGD1/AN2/CTCMP/C2INB/RP0/RB0
15 TDO/C1INC/C2INC/C3INC/TMPRN/RP9/SDA1/T1CK/CTED4/RB9
2
PGC1/AN1-/AN3/C2INA/RP1/CTED12/RB1
16 Vss
3
AN4/C1INB/RP2/SDA2/CTED13/RB2
17 VCAP
4
AN5/C1INA/RP3/SCL2/CTED8/RB3
18 PGD2/TDI/RP10/OCM1C/CTED11/RB10
5
Vss
19 PGC2/TMS/REFI1/RP11/CTED9/RB11
6
OSCI/CLKI/C1IND/RA2
20 AN8/LVDIN/RP12/RB12
7
OSCO/CLKO/C2IND/RA3
21 AN7/C1INC/RP13/OCM1D/CTPLS/RB13
8SOSCI/RP4/RB4
22 CVREF/AN6/C3INB/RP14/CTED5/RB14
9
SOSCO/PWRLCLK/RA4
23 AN9/C3INA/RP15/CTED6/RB15
10 VDD
24 AVSS/VSS
11 PGD3/RP5/ASDA1/OCM1E/RB5
25 AVDD/VDD
12 PGC3/RP6/ASCL1/OCM1F/RB6
26 MCLR
13 RP7/OCM1A/CTED3/INT0/RB7
27 VREF+/CVREF+/AN0/C3INC/RP26/CTED1/RA0
14 TCK/RP8/SCL1/OCM1B/CTED10/RB8
28 VREF-/CVREF-/AN1/C3IND/RP27/CTED2/RA1
Legend:
RPn represents remappable pins for Peripheral Pin Select (PPS) functions.
Note:
Pinouts are subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More