| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DC40D Datasheet(PDF) 158 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC40D Datasheet(HTML) 158 Page - Microchip Technology |
|
158 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 158 2016-2018 Microchip Technology Inc. REGISTER 11-46: RPOR14: PERIPHERAL PIN SELECT OUTPUT REGISTER 14 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — — RP28R5 RP28R4 RP28R3 RP28R2 RP28R1 RP28R0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-6 Unimplemented: Read as ‘0’ bit 5-0 RP28R<5:0>: RP28 Output Pin Mapping bits Peripheral Output Number n is assigned to pin, RP28 (see Table 11-7 for peripheral function numbers). |