Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM4959 Datasheet(PDF) 8 Page - AMtek SEMICONDUCTORS CO., LTD

No. de pieza AM4959
Descripción Electrónicos  One Channel H-Bridge Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Página de inicio  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM4959 Datasheet(HTML) 8 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM4959 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM4959 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM4959 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM4959 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM4959 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM4959 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM4959 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM4959 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM4959 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AM4959
Motor Driver ICs
AMtek semiconductors
Jan. 2021 V1.8
- 8 -
4.
OUTPUT
4.1
OUT_A and OUT_B trace width need at least 2mm for 2.2A current going through.
4.2
For OUT_A & OUT_B thermal design consideration, it should be big one piece of copper (for
example: 10.8mm x 5.1mm) without any gaps.
TOP layer
5.
LSS
5.1
LSS is high-current path through the motor driver. The width of connecting metal trace should be as
wide as possible.
TOP layer
2mm
LSS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com