Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM124AFKB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM124AFKB
Descripción Electrónicos  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM124AFKB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM124AFKB Datasheet HTML 27Page - Texas Instruments LM124AFKB Datasheet HTML 28Page - Texas Instruments LM124AFKB Datasheet HTML 29Page - Texas Instruments LM124AFKB Datasheet HTML 30Page - Texas Instruments LM124AFKB Datasheet HTML 31Page - Texas Instruments LM124AFKB Datasheet HTML 32Page - Texas Instruments LM124AFKB Datasheet HTML 33Page - Texas Instruments LM124AFKB Datasheet HTML 34Page - Texas Instruments LM124AFKB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Jun-2022
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM124DR
SOIC
D
14
2500
350.0
350.0
43.0
LM224ADR
SOIC
D
14
2500
364.0
364.0
27.0
LM224ADR
SOIC
D
14
2500
356.0
356.0
35.0
LM224ADRG4
SOIC
D
14
2500
356.0
356.0
35.0
LM224ADRG4
SOIC
D
14
2500
340.5
336.1
32.0
LM224DR
SOIC
D
14
2500
356.0
356.0
35.0
LM224DR
SOIC
D
14
2500
364.0
364.0
27.0
LM224DRG3
SOIC
D
14
2500
333.2
345.9
28.6
LM224DRG3
SOIC
D
14
2500
364.0
364.0
27.0
LM224DRG4
SOIC
D
14
2500
356.0
356.0
35.0
LM224KADR
SOIC
D
14
2500
356.0
356.0
35.0
LM224KDR
SOIC
D
14
2500
356.0
356.0
35.0
LM2902DR
SOIC
D
14
2500
364.0
364.0
27.0
LM2902DR
SOIC
D
14
2500
356.0
356.0
35.0
LM2902DR
SOIC
D
14
2500
340.5
336.1
32.0
LM2902DRG3
SOIC
D
14
2500
364.0
364.0
27.0
LM2902DRG4
SOIC
D
14
2500
340.5
336.1
32.0
LM2902DRG4
SOIC
D
14
2500
356.0
356.0
35.0
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47