| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM324ADE4 Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324ADE4 Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 47 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 13-Jul-2022 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM224KADRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224KA Samples LM224KAN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224KAN Samples LM224KDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -25 to 85 LM224K Samples LM224KDRG4 ACTIVE SOIC D 14 2500 TBD Call TI Call TI -25 to 85 Samples LM224KN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224KN Samples LM224N ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224N Samples LM224NE4 ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -25 to 85 LM224N Samples LM2902D ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902 Samples LM2902DR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LM2902 Samples LM2902DRE4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902 Samples LM2902DRG3 ACTIVE SOIC D 14 2500 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LM2902 Samples LM2902DRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902 Samples LM2902KAVQDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KA Samples LM2902KAVQDRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KA Samples LM2902KAVQPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KA Samples LM2902KAVQPWRG4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902KA Samples LM2902KD ACTIVE SOIC D 14 50 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902K Samples LM2902KDB ACTIVE SSOP DB 14 80 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2902K Samples LM2902KDG4 ACTIVE SOIC D 14 50 TBD Call TI Call TI -40 to 125 Samples LM2902KDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2902K Samples LM2902KN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type -40 to 125 LM2902KN Samples Addendum-Page 3 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |