| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F407ZE Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407ZE Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 201 page ![]() Description STM32F405xx, STM32F407xx 18/201 DocID022152 Rev 6 2.2 Device overview Figure 5. STM32F40xxx block diagram 1. The timers connected to APB2 are clocked from TIMxCLK up to 168 MHz, while the timers connected to APB1 are clocked from TIMxCLK either up to 84 MHz or 168 MHz, depending on TIMPRE bit configuration in the RCC_DCKCFGR register. 2. The camera interface and ethernet are available only on STM32F407xx devices. |