| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
20003AB Datasheet(PDF) 3 Page - Dialight Corporation |
|
|
|||||||||||||||||||||||||||||
20003AB Datasheet(HTML) 3 Page - Dialight Corporation |
|
3 / 4 page ![]() 19 Series Fig. 7 45 Series Fig. 9 20 Series Fig. 8 Thinnest marker lamp available Fits narrow applications Available in Amber only For recessed mounting on a 25o to 37o slope Available in 12V and 24V Includes mounting gasket Sealed acrylic lens/ABS housing Flush mount Special mounting angles available Available in 12V and 24V Features • 6” integral 18 AWG wire leads • Specially designed for bus applications • Long life with Packard Weather-Pack, • Sealed polycarbonate assembly • Reduced current draw except 13, 15 and 19 series (except 45 Series-Acrylic) • Most available in 24V versions Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 USA (1) 732-919-3119 • Fax (1) 732-751-5778 www.dialight.com |