| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WLG2-LDAS Datasheet(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLG2-LDAS Datasheet(HTML) 17 Page - Omron Electronics LLC |
|
17 / 52 page ![]() WL-N/WLM-N 17 Dimensions (Unit: mm) XS2F- @421-@@0-@ XS2F-D421- @D0 Wiring Diagram XS5F-D421- @80-F AC/DC Type Two-core model Four-core model Model Wiring Diagram Model Wiring Diagram AC XS2F-A421-DB0-F XS2F-A421-GB0-F XS2F-A421-D90-F XS2F-A421-G90-F DC XS2F-D421-DD0 XS2F-D421-GD0 XS2F-D421-D80-F XS2F-D421-G80-F XS2F-D421-DA0-F XS2F-D421-GA0-F 6 dia. 50 30 5 40.7 L (Cable length) DC AC 14.9 dia. 1 2 3 4 Brown Blue Terminal No. Cable color of core sheath 1 2 3 4 Blue Black Brown White Terminal No. Cable color of core sheath 1 2 3 4 Blue Brown Terminal No. Cable color of core sheath Brown Blue Terminal No. Cable color of core sheath 1 2 3 4 Wiring Diagram AC/DC Type Four-core model Model Wiring Diagram DC XS5F-D421-D80-F XS5F-D421-G80-F 1 2 3 4 Blue Black Brown White Terminal No. Cable color of core sheath 6 dia. 40.7 L (Cable length) 50 30 14.9 dia. 5 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |