Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L6399 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza L6399
Descripción Electrónicos  High voltage high and low-side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6399 Datasheet(HTML) 5 Page - STMicroelectronics

  L6399 Datasheet HTML 1Page - STMicroelectronics L6399 Datasheet HTML 2Page - STMicroelectronics L6399 Datasheet HTML 3Page - STMicroelectronics L6399 Datasheet HTML 4Page - STMicroelectronics L6399 Datasheet HTML 5Page - STMicroelectronics L6399 Datasheet HTML 6Page - STMicroelectronics L6399 Datasheet HTML 7Page - STMicroelectronics L6399 Datasheet HTML 8Page - STMicroelectronics L6399 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID030402 Rev 2
5/18
L6399
Pin connection
18
3
Pin connection
Figure 2. Pin connection (top view)
Table 4. Pin description
Pin no.
Pin name
Type
Function
1
LIN
I
Low-side driver logic input (active high)
2
HIN
I
High-side driver logic input (active high)
3
VCC
P
Lower section supply voltage
4
GND
P
Ground
5
LVG (1)
1. The circuit guarantees less than 1 V on the LVG and HVG pins (at Isink = 10 mA), with VCC > 3 V. This
allows omitting the “bleeder” resistor connected between the gate and the source of the external MOSFET
normally used to hold the pin low.
O
Low-side driver output
6
OUT
P
High-side (floating) common voltage
7
HVG (1)
O
High-side driver output
8
BOOT
P
Bootstrapped supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com