| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VL6180 Datasheet(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6180 Datasheet(HTML) 57 Page - STMicroelectronics |
|
57 / 73 page ![]() DocID024986 Rev 14 57/73 VL6180 Device registers 69 6.2.32 RESULT__INTERRUPT_STATUS_GPIO Address: 0x04F Type: R Reset: 0x0 Description: 6.2.33 RESULT__HISTORY_BUFFER_x Address: 0x052 + x * 0x2 (x=0 to 7) Type: R Reset: 0x0 Description: See also 6.2.11: SYSTEM__HISTORY_CTRL 7 654 321 0 result_int_error_gpio RESERVED result_int_range_gpio RR R [7:6] result_int_error_gpio: Interrupt bits for Error: 0: No error reported 1: Laser Safety Error 2: PLL error (either PLL1 or PLL2) [2:0] result_int_range_gpio: Interrupt bits for Range: 0: No threshold events reported 1: Level Low threshold event 2: Level High threshold event 3: Out Of Window threshold event 4: New Sample Ready threshold event 15 14 13 12 11 10 98 7654321 0 RESULT__HISTOR Y_BUFFER_0 result__history_buffer_0 RESULT__HISTOR Y_BUFFER_1 result__history_buffer_1 RESULT__HISTOR Y_BUFFER_2 result__history_buffer_2 RESULT__HISTOR Y_BUFFER_3 result__history_buffer_3 RESULT__HISTOR Y_BUFFER_4 result__history_buffer_4 RESULT__HISTOR Y_BUFFER_5 result__history_buffer_5 RESULT__HISTOR Y_BUFFER_6 result__history_buffer_6 RESULT__HISTOR Y_BUFFER_7 result__history_buffer_7 R |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |