| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HVLED001B Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED001B Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 33 page ![]() DS12748 Rev 2 17/33 HVLED001B Application information 33 7 Application information 7.1 Operating modes The HVLED001B QR flyback controller is able to operate either as a single-stage high power factor (HPF) flyback controller or as a DC/DC flyback controller in dual-stage topologies. It‘s enhanced features are mainly intended to simplify the design and the management of constant current applications (LED drivers). Application schematics of the two main topologies are reported in Figure 17 and Figure 18. Figure 17. High power factor flyback - Primary side regulated constant output voltage |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |