| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSM6DSOX Datasheet(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOX Datasheet(HTML) 118 Page - STMicroelectronics |
|
118 / 199 page ![]() 13.12 FSM_INT2_B (10h) INT2 pin control register (r/w). Each bit in this register enables a signal to be carried through INT2. The pin's output will supply the OR combination of the selected signals. Table 261. FSM_INT2_B register INT2_FSM16 INT2_FSM15 INT2_FSM14 INT2_FSM13 INT2_FSM12 INT2_FSM11 INT2_FSM10 INT2_FSM9 Table 262. FSM_INT2_B register description INT2_FSM16(1) Routing of FSM16 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM15(1) Routing of FSM15 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM14(1) Routing of FSM14 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM13(1) Routing of FSM13 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM12(1) Routing of FSM12 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM11(1) Routing of FSM11 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM10(1) Routing of FSM10 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM9(1) Routing of FSM9 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSOX FSM_INT2_B (10h) DS12814 - Rev 3 page 118/199 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |