| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSM6DSOX Datasheet(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOX Datasheet(HTML) 122 Page - STMicroelectronics |
|
122 / 199 page ![]() 13.16 FSM_STATUS_B (14h) Finite State Machine status register (r). Table 269. FSM_STATUS_B register IS_FSM16 IS_FSM15 IS_FSM14 IS_FSM13 IS_FSM12 IS_FSM11 IS_FSM10 IS_FSM9 Table 270. FSM_STATUS_B register description IS_FSM16 Interrupt status bit for FSM16 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM15 Interrupt status bit for FSM15 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM14 Interrupt status bit for FSM14 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM13 Interrupt status bit for FSM13 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM12 Interrupt status bit for FSM12 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM11 Interrupt status bit for FSM11 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM10 Interrupt status bit for FSM10 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM9 Interrupt status bit for FSM9 interrupt event. (1: interrupt detected; 0: no interrupt) LSM6DSOX FSM_STATUS_B (14h) DS12814 - Rev 3 page 122/199 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |