| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSM6DSV Datasheet(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV Datasheet(HTML) 123 Page - STMicroelectronics |
|
123 / 187 page ![]() 13.9 EMB_FUNC_INT2 (0Eh) INT2 pin control register (R/W) Each bit in this register enables a signal to be carried over INT2. The pin's output supplies the OR combination of the selected signals. Table 266. EMB_FUNC_INT2 register INT2_ FSM_LC 0(1) INT2_ SIG_MOT INT2_TILT INT2_STEP _DETECTOR 0(1) 0(1) 0(1) 1. This bit must be set to 0 for the correct operation of the device. Table 267. EMB_FUNC_INT2 register description INT2_FSM_LC(1) Routing FSM long counter timeout interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_SIG_MOT(1) Routing significant motion event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_TILT(1) Routing tilt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_STEP_DETECTOR(1) Routing pedometer step recognition event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) 1. This bit is activated if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSV EMB_FUNC_INT2 (0Eh) DS13476 - Rev 2 page 123/187 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |