Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ZXCT1082Q Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza ZXCT1082Q
Descripción Electrónicos  AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1082Q Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1082Q Datasheet HTML 1Page - Diodes Incorporated ZXCT1082Q Datasheet HTML 2Page - Diodes Incorporated ZXCT1082Q Datasheet HTML 3Page - Diodes Incorporated ZXCT1082Q Datasheet HTML 4Page - Diodes Incorporated ZXCT1082Q Datasheet HTML 5Page - Diodes Incorporated ZXCT1082Q Datasheet HTML 6Page - Diodes Incorporated ZXCT1082Q Datasheet HTML 7Page - Diodes Incorporated ZXCT1082Q Datasheet HTML 8Page - Diodes Incorporated ZXCT1082Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ZXCT1082Q/83Q/84Q/85Q/86Q/87Q
Document number: DS37015 Rev. 1 - 2
3 of 13
www.diodes.com
April 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXCT1082Q/83Q/84Q/85Q/86Q/87Q
Electrical Characteristics
Test Conditions TA = +25C, VS+ = 12V, VCC = 5 V, VSENSE = 100mV (Note 5), ZXCT1082Q/83Q RGT = 5kΩ, RG = 125kΩ; unless otherwise
stated. (FT = -40°C to +125°C)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input
IS+
S+ input current
VSENSE = 0mV (Note 5)
1.7
µA
TA = FT
5
IS-
S- input current
1.7
µA
TA = FT
5
VIO
Input Offset Voltage
(Note 7)
VSENSE = 0mV
±0.2
±1
mV
ZXCT1082Q/ 83Q/ 84Q/ 85Q
TA = FT
±2.5
ZXCT1086Q/ 87Q
TA = FT
±3
Temperature co-efficient
±4
µV/K
Output
GT
Transconductance
ZXCT1082Q/83Q
VSENSE = 10mV to 150mV
(Notes 5, 8)
200
µA/V
GT-ERR
Transconductance error
(Note 9)
-1
+1
%
TA = FT
-2
+2
GT-TC
Transconductance
temperature co-efficient
TA = FT
10
nA/K
ZOUT
Output impedance
ZXCT1082Q/83Q
1¦¦5
GΩ¦¦pF
GV
Gain
ZXCT1084Q/85Q/86Q/87Q
VSENSE = 10mV to 150mV (Note 5)
ZXCT1084Q/85Q
25
V/V
ZXCT1086Q/87Q
50
GV-ERR
Gain error (Note 9)
-1
+1
%
TA = FT
-2
+2
GV-TC
Voltage gain temperature
co-efficient
TA = FT
100
ppm/K
ZOUT
Output impedance
ZXCT1084Q/85Q/86Q/87Q
125
kΩ
VOUTH
Output relative to common
mode, VS-
ZXCT1082Q/83Q
VLOAD - 1 VLOAD - 0.8
V
ZXCT1084Q/85Q/86Q/87Q
VS- - 1
VS- - 0.8
Notes:
5. For the ZXCT1082/83 VSENSE = “VSUPPLY” – “VLOAD“ where VLOAD is the load voltage or the lower potential side of the sense resistor.
For the ZXCT1083/84/85/86 VSENSE = “VS+” – “VS-“
7. VIO is extrapolated from measurements for the gain-error test.
8. For VSENSE > 10mV, the internal voltage-current converter is fully linear. This enables a true offset to be defined and used.
9. Gain or transconductance error is calculated by applying two values of VSENSE and calculating the error of the slope vs. the ideal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com