| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
24232103 Datasheet(PDF) 8 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
24232103 Datasheet(HTML) 8 Page - Toshiba Semiconductor |
|
8 / 126 page ![]() – 8 – LOCATION OF SCREEN AND FOCUS VR'S To remove the Speaker grille and Front panel. SCREEN VR Front panel Speaker grille FOCUS VR R G B REPLACEMENT OF HIGH VOLTAGE CABLE ANODE LEAD RUBBER BOOT LEAD HOLDER Z450 TPA5007 Fig. a 1. When replacing Anode Lead or Anode Cap with new one, remove Lead Holder from old lead as shown in figure below, and put it on new lead. Do not throw away Lead Holder. NOTE : THE LEAD HOLDER IS ATTACHED TO TPA5007 (Z450), BUT IS NOT ATTACHED TO ANODE LEAD AND ANODE CAP. RUBBER BOOT IS ATTACHED TO ANODE LEAD AND ANODE CAP. 2. Detaching Lead Holder RUBBER BOOT OLD ANODE LEAD or ANODE CAP LOCK LEAD HOLDER Cut here rubber boot and lead together to detach Lead Holder. Fig. b |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |