Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PP960 Datasheet(PDF) 17 Page - Pico Technology Ltd.

No. de pieza PP960
Descripción Electrónicos  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PICO [Pico Technology Ltd.]
Página de inicio  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP960 Datasheet(HTML) 17 Page - Pico Technology Ltd.

Back Button PP960 Datasheet HTML 13Page - Pico Technology Ltd. PP960 Datasheet HTML 14Page - Pico Technology Ltd. PP960 Datasheet HTML 15Page - Pico Technology Ltd. PP960 Datasheet HTML 16Page - Pico Technology Ltd. PP960 Datasheet HTML 17Page - Pico Technology Ltd. PP960 Datasheet HTML 18Page - Pico Technology Ltd. PP960 Datasheet HTML 19Page - Pico Technology Ltd. PP960 Datasheet HTML 20Page - Pico Technology Ltd. PP960 Datasheet HTML 21Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
PicoScope 3000 Series
PicoScope 6 software with mixed digital and analog signals
The flexibility of the PicoScope 6 software interface allows high-resolution viewing of up
to 16 digital and 4 analog signals at once. You can use the whole of your PC’s display to
view the waveforms, ensuring you never miss a detail again.
Display format: Display selected
bits individually or as groups in
numerical or ASCII format.
Show by level: Group bits
into fields and then display
as an analog level.
Digital channels button: Set up and
display digital inputs. View analog and
digital signals on the same timebase.
Oscilloscope controls: PicoScope’s full analog-domain
controls, including zoom, filtering, and function
generator, are all available in MSO digital signal mode.
Split-screen display: PicoScope can display
both analog and digital signals at the same time.
The split-screen display can be adjusted to give
more or less space to the analog waveforms.
Analog waveforms: View
analog waveforms time-
correlated with digital inputs.
Advanced triggers: Additional
Digital and Logic trigger options
are available for digital channels.
Rename: The digital channels and groups
can be renamed. Groups can be expanded
or collapsed in the digital view.
Rulers: Drawn across both
analog and digital panes so signal
timings can be compared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26