Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PP962 Datasheet(PDF) 8 Page - Pico Technology Ltd.

No. de pieza PP962
Descripción Electrónicos  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PICO [Pico Technology Ltd.]
Página de inicio  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PP962 Datasheet(HTML) 8 Page - Pico Technology Ltd.

Back Button PP962 Datasheet HTML 4Page - Pico Technology Ltd. PP962 Datasheet HTML 5Page - Pico Technology Ltd. PP962 Datasheet HTML 6Page - Pico Technology Ltd. PP962 Datasheet HTML 7Page - Pico Technology Ltd. PP962 Datasheet HTML 8Page - Pico Technology Ltd. PP962 Datasheet HTML 9Page - Pico Technology Ltd. PP962 Datasheet HTML 10Page - Pico Technology Ltd. PP962 Datasheet HTML 11Page - Pico Technology Ltd. PP962 Datasheet HTML 12Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
PicoScope 3000 Series
Serial decoding
The deep-memory PicoScope 3000 Series oscilloscopes include serial decoding capability across all channels, and can capture thousands of
frames of uninterrupted data, making them ideal devices for the job.
The decoded data can be displayed in the format of your choice: in graph, in table, or both at once.
• In graph format shows the decoded data beneath the waveform on a common time axis, with error frames
marked in red. These frames can be zoomed to investigate signal integrity (SI) issues.
• In table format shows a list of the decoded frames, including the data and all flags and identifiers. You can
set up filtering conditions to display only the frames you are interested in, search for frames with specified
properties, or define a start pattern to signal when the program should list the data.
PicoScope also includes options to import and export the decoded data using a Microsoft Excel spreadsheet.
In graph
In table
Serial protocols
UART/RS-232
SPI
I2C
I2S
CAN
LIN
FlexRay
USB
and more!
Serial decoding for digital signals
The PicoScope 3000 Series MSO models bring extra power to the serial decoding features. You can decode serial data on all analog and
digital inputs simultaneously, giving you up to 20 channels of data with any combination of serial protocols. For example, you can decode
multiple SPI, I²C, CAN bus, LIN bus and FlexRay signals all at the same time!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com