| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PP963 Datasheet(PDF) 20 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PP963 Datasheet(HTML) 20 Page - Pico Technology Ltd. |
|
20 / 26 page ![]() PicoScope 3203D and 3203D MSO PicoScope 3403D and 3403D MSO PicoScope 3204D and 3204D MSO PicoScope 3404D and 3404D MSO PicoScope 3205D and 3205D MSO PicoScope 3405D and 3405D MSO PicoScope 3206D and 3206D MSO PicoScope 3406D and 3406D MSO Triggering Source Analog channels (all models) EXT trigger (not MSO models) Digital channels (MSO models only) Trigger modes None, auto, repeat, single, rapid (segmented memory) Maximum pre-trigger capture Up to 100% of capture size Maximum post-trigger delay Up to 4 billion samples, selectable in 1 sample steps Trigger rearm time < 0.7 µs at 1 GS/s sampling rate Maximum trigger rate Up to 10 000 waveforms in a 6 ms burst at 1 GS/s sampling rate, typical Triggering for analog channels Advanced trigger types Edge, window, pulse width, window pulse width, dropout, window dropout, interval, logic, runt pulse Trigger types (ETS mode) Rising edge, falling edge (available on channel A only) Trigger sensitivity Digital triggering provides 1 LSB accuracy up to full bandwidth of scope Trigger sensitivity (ETS mode) 10 mV p-p at full bandwidth, typical External trigger input - not MSO models Ext trigger connector type Front panel BNC Trigger types Edge, pulse width, dropout, interval, logic Input characteristics 1 MΩ ∥14pF Bandwidth 50 MHz 70 MHz 100 MHz 200 MHz Threshold range ±5 V Coupling DC Overvoltage protection ±100 V (DC + AC peak) Triggering for digital channels - MSO models only Trigger types Pattern, edge, combined pattern and edge, pulse width, dropout, interval, logic |