| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PP935 Datasheet(PDF) 21 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PP935 Datasheet(HTML) 21 Page - Pico Technology Ltd. |
|
21 / 26 page ![]() PicoScope 3203D and 3203D MSO PicoScope 3403D and 3403D MSO PicoScope 3204D and 3204D MSO PicoScope 3404D and 3404D MSO PicoScope 3205D and 3205D MSO PicoScope 3405D and 3405D MSO PicoScope 3206D and 3206D MSO PicoScope 3406D and 3406D MSO Function generator Standard output signals Sine, square, triangle, DC voltage, ramp up, ramp down, sinc, Gaussian, half-sine. Pseudorandom output signals White noise, selectable amplitude and offset within output voltage range. Pseudorandom binary sequence (PRBS), selectable high and low levels within output voltage range, selectable bit rate up to 1 Mb/s Standard signal frequency DC to 1 MHz Sweep modes Up, down, dual with selectable start/stop frequencies and increments Triggering Free-run, or from 1 to 1 billion counted waveform cycles or frequency sweeps. Triggered from scope trigger or manually. Output frequency accuracy As oscilloscope Output frequency resolution < 0.01 Hz Output voltage range ±2 V Output voltage adjustments Signal amplitude and offset adjustable in approximately 1 mV steps within overall ±2 V range Amplitude flatness < 0.5 dB to 1 MHz, typical DC accuracy ±1% of full scale SFDR > 60 dB, 10 kHz full scale sine wave, typical Output resistance 600 Ω Connector type Front panel BNC (not MSO models) Rear panel BNC (MSO models) Overvoltage protection ±20 V Arbitrary waveform generator Update rate 20 MHz Buffer size 32 kS Resolution 12 bits (output step size approximately 1 mV) Bandwidth > 1 MHz Rise time (10% to 90%) < 120 ns Additional AWG specifications, including sweep modes, triggering, frequency accuracy, frequency resolution, voltage range, DC accuracy, and other output characteristics, are as the function generator. Probe compensation pin Output impedance 600 Ω Output frequency 1 kHz Output level 2 V p-p, typical |