Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC16F1933 Datasheet(PDF) 31 Page - Microchip Technology

No. de pieza PIC16F1933
Descripción Electrónicos  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F1933 Datasheet HTML 27Page - Microchip Technology PIC16F1933 Datasheet HTML 28Page - Microchip Technology PIC16F1933 Datasheet HTML 29Page - Microchip Technology PIC16F1933 Datasheet HTML 30Page - Microchip Technology PIC16F1933 Datasheet HTML 31Page - Microchip Technology PIC16F1933 Datasheet HTML 32Page - Microchip Technology PIC16F1933 Datasheet HTML 33Page - Microchip Technology PIC16F1933 Datasheet HTML 34Page - Microchip Technology PIC16F1933 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
 2006-2012 Microchip Technology Inc.
DS51292T-page 31
Optional Debug Headers
INTRODUCTION
Devices that have built-in debug circuitry do not require a header to use debug tools.
However, some pins and memory must be used to support the debug function. Special
ICE/ICD versions offering additional pins, memory and emulator functions can be used
to provide superior emulating/debugging capabilities.
Currently available debug headers and their associated ICE/ICD devices are shown
below by supported device.
TABLE 1:
OPTIONAL DEBUG HEADERS BY DEVICE
Device
Pin
Count
Header Part
Number
ICE/ICD Device Used
VDD Max
PIC16F722
PIC16F723
PIC16F724
PIC16F726
PIC16F727
28
28
40/44
28
40/44
AC244026
PIC16F727-ICE
5.5V
PIC16LF722
PIC16LF723
PIC16LF724
PIC16LF726
PIC16LF727
28
28
40/44
28
40/44
AC244027
PIC16LF727-ICE
3.6V
PIC16F1826
PIC16F1827
PIC16F1847
18/20/
28
AC244046
PIC16F1847-ICE
3.6V
PIC12F1822
PIC12F1840
PIC16F1823
PIC16F1824
PIC16F1825
PIC16F1829
8/14/
20
AC244043
PIC16F1829-ICE
5.5V
PIC16LF1826
PIC16LF1827
PIC16LF1847
18/20/
28
AC244047
PIC16LF1847-ICE
3.6V
PIC12F1822
PIC12F1840
PIC16F1823
PIC16F1824
PIC16F1825
PIC16F1829
8/14/
20
AC244044
PIC16LF1829-ICE
3.6V
PIC16F1933
PIC16F1934
PIC16F1936
PIC16F1937
PIC16F1938
PIC16F1939
28
40/44
28
40/44
28
40/44
AC244035
PIC16F1939-ICE
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78