Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EEUFC2A331 Datasheet(PDF) 13 Page - Panasonic Semiconductor

No. de pieza EEUFC2A331
Descripción Electrónicos  Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC2A331 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button EEUFC2A331 Datasheet HTML 9Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 10Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 11Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 12Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 13Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 14Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 15Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 16Page - Panasonic Semiconductor EEUFC2A331 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Aluminum Electrolytic Capacitors (Radial lead Type)
1. Circuit design
1.1 Operating temperature and frequency
Electrical characteristics of the capacitor are likely to change due to variation in temperature and/or frequency.
Circuit designers should take these changes into consideration.
(1) Effects of operating temperature on electrical parameters
At higher temperatures : leakage current and capacitance increase while equivalent series resistance
(ESR) decreases.
At lower temperatures : leakage current and capacitance decrease while equivalent series resistance
(ESR) increases.
(2) Effects of frequency on electrical parameters
At higher frequencies
: capacitance and impedance decrease while tan d increases.
At lower frequencies
: heat generated by ripple current will rise due to an increase in equivalent
series resistance (ESR).
1.2 Operating temperature and life expectancy
(1) Expected life is affected by operating temperature. Generally, each 10 ℃ reduction in temperature will
double the expected life. Use capacitors at the lowest possible temperature below the upper category
temperature.
(2) If operating temperatures exceed the upper category limit, rapid deterioration of electrical parameter
will occur and irreversible damage will result.
Measure not only the ambient temperature but also the surface temperature of the capacitor’s case top,
which has effects of ripple current and radiated heat from power transistors, IC's, and/or resistors.
Avoid placing components, which could conduct heat to the capacitor from the back side of the circuit board.
(3) A formula for calculating expected life is as follows ;
L2 = L1×2
where T1 ≧ T2
L1 :Guaranteed life (h) at temperature, T1 ℃
L2 :Expected life (h) at temperature, T2 ℃
T1 :Upper category temperature (℃) for the series, GA-A, M-A, and SU-A
Upper category temperature + temperature rise due to rated ripple current (℃) for the other series
T2 :Actual operating temperature, ambient temperature + temperature rise due to ripple current (℃)
(4) Using the capacitor beyond the rated lifetime will result in short circuit, electrolyte leak, vent open, and large
deterioration of characteristics. The lifetime cannot exceed 15 years due to aging of sealing rubber.
1.3 Load conditions to avoid
The following load conditions will cause rapid deterioration of capacitor’s electrical characteristics.
In addition, instantaneous heating and gas generation within the capacitor may cause an operation of pressure
relief vent, and that results in electrolyte leaks, explosion and/or fire ignition.
The leaked electrolyte is combustible and electrically conductive.
(1) Reverse voltage
DC capacitors have polarity. Therefore, do not apply the reverse voltage. Find the correct polarity before insertion.
(2) Charge / Discharge applications
General purpose capacitors are not suitable for use in repeating charge/discharge applications.
For such applications, consult a sales representative with actual application condition. Rush current must not
exceed 100 A.
(3) ON-OFF circuit
When using capacitors in circuit where ON-OFF switching is repeated more than 10,000 times a day,
consult a sales representative with actual application condition for an appropriate choice of capacitors.
(4) Over voltage
Do not apply a voltage exceeding the rated voltage. The rated surge voltage can be applied only for a short time.  
Make sure that a sum of the DC voltage and the superimposed AC ripple voltage does not exceed the rated
voltage.
01-Oct-21
  Application guidelines(Radial lead Type)
T1-T2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com