Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MS6853TTR Datasheet(PDF) 5 Page - MOSA ELECTRONICS

No. de pieza MS6853TTR
Descripción Electrónicos  Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOSA [MOSA ELECTRONICS]
Página de inicio  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6853TTR Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6853TTR Datasheet HTML 1Page - MOSA ELECTRONICS MS6853TTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6853TTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6853TTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6853TTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6853TTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6853TTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6853TTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6853TTR Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOSA
MS6853
Mono 1.9W / Stereo 300mW Power Amplifier
REV 1.1
5
www.mosanalog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Ta = 25°C, BW<30kHz, unless otherwise specified.
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
THD+N vs. frequency
VDD=3.3V
BTL mode
RL=4Ω
VDD=5V
BTL mode
RL=4Ω
VDD=2.7V
BTL mode
RL=4Ω
Po=1.9W
Po=0.8W
Po=0.5W
THD+N vs. frequency
THD+N vs. frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
VDD=3.3V
BTL mode
RL=8Ω
VDD=5V
BTL mode
RL=8Ω
VDD=2.7V
BTL mode
RL=8Ω
Po=0.5W
Po=1.2W
Po=0.34W
Po=0.3W
Po=1W
Po=0.25W
THD+N vs. frequency
THD+N vs. frequency
THD+N vs. frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
VDD=3.3V
SE mode
RL=32Ω
VDD=5V
SE mode
RL=32Ω
VDD=2.7V
SE mode
RL=32Ω
Po=25mW
Po=90mW
Po=25mW
Po=60mW
Po=15mW
Po=35mW
FREQUENCY (Hz)
THD+N vs. frequency
THD+N vs. frequency
THD+N vs. frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com