| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FME28-461/883 Datasheet(PDF) 10 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FME28-461/883 Datasheet(HTML) 10 Page - Interpoint Corporation Company |
|
10 / 16 page ![]() B8-40 CASE W CASES 1 2 3 4 5 6 12 11 10 9 8 7 0.040 dia (1.02) 0.250 (6.35) Typ. 0.125 (3.18) 0.375 (9.53) 0.575 (14.61) 0.775 (19.69) 0.975 (24.77) 1.175 (29.85 1.375 (34.93) 1.625 (41.28) 0.140 dia (3.56) 0.000 0.250 (6.35) Typ. 1.750 (44.45) 2.000 (50.80) PIN-SIDE VIEW CASE W* (Tabbed case, up-leaded) MOR Series and FME EMI Filters: Screening – Standard, ES, or 883 Also available in U2, V, Y, and Z cases (Figures 56, 57, 59 and 60) 0.000 0.220 (5.59) 0.400 (10.16) max. 0.84 ±0.05 (21.3 ±1.3) 0.150 (3.81) Lead Detail 2.80 (71.1) Reference (lead center to lead center) *Requires case option designator added to model number: MOR2805SW See Section A5, Ordering Information. Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. FIGURE 58: CASE W |