| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S32K310 Datasheet(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 Datasheet(HTML) 94 Page - NXP Semiconductors |
|
94 / 137 page ![]() To improve the FXOSC jitter & duty cycle performance, the functionality of the pin next to the Oscillator (namely, PTE14 in MAXQFP172 and PTE3 in MAXQFP100 package) must be limited to static GPIO operation. NOTE Figure 37. Block diagram 11.5 Slow Crystal Oscillator (SXOSC) Table 40. Slow Crystal Oscillator (SXOSC) Symbol Description Min Typ Max Unit Condition Spec Number Fsxosc Oscillator Crystal Frequency 1 — 32.768 — KHz IP in crystal mode — Tstart SXOSC startup time — — 2 s start up time is dependent upon board and crystal model. — ISXOSC Oscillator Analog circuit supply current — 2.1 4 uA — — gm_sxocs NMOS Amplifier Transconductance 3 — 40 u A/V — — NXP Semiconductors Clocking modules S32K3xx Data Sheet, Rev. 5.2, 10/2022 Data Sheet: Technical Data Preliminary Information 94 / 137 |