Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DXTP07040CFG-7 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza DXTP07040CFG-7
Descripción Electrónicos  40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP07040CFG-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DXTP07040CFG-7 Datasheet HTML 1Page - Diodes Incorporated DXTP07040CFG-7 Datasheet HTML 2Page - Diodes Incorporated DXTP07040CFG-7 Datasheet HTML 3Page - Diodes Incorporated DXTP07040CFG-7 Datasheet HTML 4Page - Diodes Incorporated DXTP07040CFG-7 Datasheet HTML 5Page - Diodes Incorporated DXTP07040CFG-7 Datasheet HTML 6Page - Diodes Incorporated DXTP07040CFG-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DXTP07040CFG
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
DXTP07040CFG
Datasheet Number: DS41046 Rev. 1 - 2
5 of 7
www.diodes.com
October 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com