Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

W78ERD2 Datasheet(PDF) 21 Page - Winbond

No. de pieza W78ERD2
Descripción Electrónicos  8-BIT MICROCONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINBOND [Winbond]
Página de inicio  http://www.winbond.com
Logo WINBOND - Winbond

W78ERD2 Datasheet(HTML) 21 Page - Winbond

Back Button W78ERD2 Datasheet HTML 17Page - Winbond W78ERD2 Datasheet HTML 18Page - Winbond W78ERD2 Datasheet HTML 19Page - Winbond W78ERD2 Datasheet HTML 20Page - Winbond W78ERD2 Datasheet HTML 21Page - Winbond W78ERD2 Datasheet HTML 22Page - Winbond W78ERD2 Datasheet HTML 23Page - Winbond W78ERD2 Datasheet HTML 24Page - Winbond W78ERD2 Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
W78ERD2
Publication Release Date: April 20, 2005
- 21 -
Revision A4
BIT
NAME
FUNCTION
7~0
SADEN
This register enables the Automatic Address Recognition feature of the Serial
port 0. When a bit in the SADEN is set to 1, the same bit location in SADDR will
be compared with the incoming serial data. When SADEN.n is 0, then the bit
becomes a "don't care" in the comparison. This register enables the Automatic
Address Recognition feature of the Serial port 0. When all the bits of SADEN
are 0, interrupt will occur for any incoming address.
On-Chip Programming Control
Bit:
7
6
5
4
3
2
1
0
SWRST/R
EBOOT
-
-
-
-
0
FBOOTSL FPROGEN
Mnemonic: CHPCON
Address: BFh
BIT
NAME
FUNCTION
7
SWRESET/
REBOOT
(F04KMODE)
When this bit is set to 1, and both FBOOTSL and FPROGEN are set to 1. It
will enforce microcontroller reset to initial condition just like power on reset.
This action will re-boot the microcontroller and start to normal operation. To
read this bit in logic-1 can determine that the H/W REBOOT mode is running.
6
-
Reserve.
5
-
Reserve.
4
-
Reserve
3
-
Reserve
2
-
Reserve
1
FBOOTSL
The Program Location Select.
0: The Loader Program locates at the 64 KB AP Flash EPROM. 4KB LD
Flash EPROM is destination for re-programming.
1: The Loader Program locates at the 4 KB memory bank. 64KB AP Flash
EPROM is destination for re-programming.
0
FPROGEN FLASH EPROM Programming Enable.
= 1: enable. The microcontroller enter the in-system programming mode after
entering the idle mode and wake-up from interrupt. During in-system
programming mode, the operation of erase, program and read are
achieve when device enters idle mode.
= 0: disable. The on-chip flash memory is read-only. In-system
programmability is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com