| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMB6F31A Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMB6F31A Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 13 page ![]() Features • Peak pulse power: 600 W (10/1000 μs) and 4 kW (8/20 μs) • Flat and thin package: 1 mm • Stand-off voltage range from 5 V to 188 V • Unidirectional type • Low leakage current: 0.2 μA at 25 °C and 1 μA at 85 °C • Operating Tj max: 175 °C • High power capability at Tj max.: up to 470 W (10/1000 µs) • Lead finishing: matte tin plating Complies with the following standards • UL94, V0 • J-STD-020 MSL level 1 • J-STD-002, JESD 22-B102 E3 and MIL-STD-750, method 2026 solderable matte tin plated leads • JESD-201 class 2 whisker test • IPC7531 footprint • JEDEC registered package outline • IEC 61000-4-4 level 4: – 4 kV • IEC 61000-4-2, C= 150 pF - R = 330 Ω exceeds level 4: – 30 kV (air discharge) – 30 kV (contact discharge) Description The SMB6FxxA series are designed to protect sensitive circuits against surges. The Planar technology makes it compatible with high-end circuits where low leakage current and high junction temperature are required to provide long term reliability and stability. Product status link SMB6F SMB6F5.0A, SMB6F6.0A, SMB6F6.5A, SMB6F8.5A, SMB6F10A, SMB6F11A, SMB6F13A, SMB6F12A, SMB6F14A, SMB6F15A, SMB6F16A, SMB6F18A, SMB6F20A, SMB6F22A, SMB6F23A, SMB6F24A, SMB6F26A, SMB6F28A, SMB6F30A, SMB6F31A, SMB6F33A, SMB6F36A, SMB6F40A, SMB6F48A, SMB6F58A, SMB6F64A, SMB6F70A, SMB6F85A, SMB6F100A, SMB6F130A, SMB6F154A, SMB6F170A, SMB6F188A 600 W TVS in SMB Flat SMB6FxxA Datasheet DS12898 - Rev 4 - October 2019 For further information contact your local STMicroelectronics sales office. www.st.com |
Número de pieza similar - SMB6F31A |
|
Descripción similar - SMB6F31A |