| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC58EG80C3 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58EG80C3 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 139 page ![]() DS11758 Rev 6 7/139 SPC584Gx, SPC58EGx, SPC58NGx Description 13 2 Description The SPC584Gx, SPC58EGx, SPC58NGx microcontroller belongs to a family of devices superseding the SPC56x family. SPC584Gx, SPC58EGx, SPC58NGx build on the legacy of the SPC5x family, while introducing new features coupled with higher throughput to provide substantial reduction of cost per feature and significant power and performance improvement (MIPS per mW). 2.1 Device feature summary Table 2 lists a summary of major features for the SPC584Gx, SPC58EGx, SPC58NGx device. The feature column represents a combination of module names and capabilities of certain modules. A detailed description of the functionality provided by each on-chip module is given later in this document. Table 2. SPC584Gx, SPC58EGx, SPC58NGx features summary Feature Description SPC58 family 40 nm Computing Shell 0 Number of cores up to 2 Number of checker cores up to 1 Local RAM 16 KB instruction 64 KB data Single precision floating point Yes SIMD (LSP) No VLE Yes Cache 8 KB instruction 4 KB data Computing Shell 1 Number of cores 1 Number of checker cores 0 Local RAM 16 KB instruction 32 KB data Single precision floating point Yes SIMD (LSP) Yes VLE Yes Cache 8 KB instruction |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |