| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L062K8 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L062K8 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 124 page ![]() DS10183 Rev 11 17/124 STM32L062x8 Functional overview 36 Brown-out reset (BOR) OO O O O O O O DMA O O O O -- -- Programmable Voltage Detector (PVD) OO O O O O - Power-on/down reset (POR/PDR) YY Y Y Y Y Y Y High Speed Internal (HSI) OO -- -- (2) -- Low Speed Internal (LSI) OO O O O O Low Speed External (LSE) OO O O O O Multi-Speed Internal (MSI) OO Y Y -- -- Inter-Connect Controller YY Y Y Y -- RTC O O O O O O O RTC Tamper O O O O O O O O Auto WakeUp (AWU) OO O O O O O O USB O O -- -- -- O -- USART O O O O O(3) O-- LPUART O O O O O(3) O-- SPI O O O O -- -- I2C O O -- -- O(4) O-- ADC O O -- -- -- -- DAC O O O O O -- Temperature sensor OO O O O -- Comparators O O O O O O -- 16-bit timers O O O O -- -- LPTIMER O O O O O O IWDG O O O O O O O O WWDG O O O O -- -- Table 4. Functionalities depending on the working mode (from Run/active down to standby) (continued)(1) IPs Run/Active Sleep Low- power run Low- power sleep Stop Standby Wakeup capability Wakeup capability |