| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BTA12-600TW Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BTA12-600TW Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 16 page ![]() A2 A1 A2 D²PAK TO-220AB TO-220AB Ins. A2 A1 G G A1 G A2 A1 G A2 A2 Features • Medium current Triac • Low thermal resistance with clip bonding • Low thermal resistance insulation ceramic for insulated BTA • High commutation (4Q) or very high commutation (3Q) capability • BTA series UL1557 certified (file ref: 81734) • Packages are RoHS (2011/65/EU) compliant Description Available either in through-hole or surface mount packages, the BTA12, BTB12 and T12xx Triac series are suitable for general purpose mains power AC switching. They can be used as ON/OFF function in applications such as static relays, heating regulation or induction motor starting circuit. They are also recommended for phase control operations in light dimmers and appliance motors speed controllers. The Snubberless™ versions (W suffix and T12xx) are especially recommended for use on inductive loads, because of their high commutation performance. By using an internal ceramic pad, the Snubberless™ series provide an insulated tab (rated at 2500 VRMS) complying with UL standards (file reference: E81734). Logic Level BTA12-600TW and BTA12-600SW offer low holding current, ideal to design light dimmers for LED lamps. Product status link BTA12 BTB12 T1205 T1210 T1235 T1250 Product summary IT(RMS) 12 A VDRM/VRRM 600 and 800 V IGT(Snubberless) 5 / 10 / 35 / 50 mA IGT(standard) 25 / 50 12 A Snubberless™, logic level and standard Triacs BTA12, BTB12, T1205 T1210, T1235, T1250 Datasheet DS2115 - Rev 12 - February 2019 For further information contact your local STMicroelectronics sales office. www.st.com |
Número de pieza similar - BTA12-600TW |
|
Descripción similar - BTA12-600TW |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |