Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

APM4429 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

No. de pieza APM4429
Descripción Electrónicos  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4429 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM4429 Datasheet HTML 1Page - Anpec Electronics Coropration APM4429 Datasheet HTML 2Page - Anpec Electronics Coropration APM4429 Datasheet HTML 3Page - Anpec Electronics Coropration APM4429 Datasheet HTML 4Page - Anpec Electronics Coropration APM4429 Datasheet HTML 5Page - Anpec Electronics Coropration APM4429 Datasheet HTML 6Page - Anpec Electronics Coropration APM4429 Datasheet HTML 7Page - Anpec Electronics Coropration APM4429 Datasheet HTML 8Page - Anpec Electronics Coropration APM4429 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Sep., 2003
APM4429
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
TA = 25°C
2.5
PD
Maximum Power Dissipation
TA = 100°C
1.0
W
TJ)TSTG
Maximum Operating and Storage Junction Temperature
-55 to 150
°C
RθJA*
Thermal Resistance - Junction to Ambient
62.5
°C/W
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
APM 4429
Sym bol
Param eter
Test Condition
Min.
Typ=.
M ax.
Unit
Static
BVDSS
D rain-Source Breakdown
Voltage
VGS=0V , IDS=-250µA
-30
V
IDSS
Zero G ate Voltage D rain
C urrent
VDS=-24V , VGS=0V
-1
µA
VGS(th)
G ate T hreshold Voltage
VDS=VGS , IDS=-250µA
-1
-1.5
-2
V
IGSS
G ate Leakage C urrent
VGS=±20V , VDS=0V
±100
nA
VGS=-20V , IDS=-13A
8
11
VGS=-10V , IDS=-13A
9
12
R DS(ON)
D rain-Source O n-state
R esistance>
VGS=-4.5V , ID=-12A
13
17
m Ω
VSD
D iode Forward Voltage>
ISD=-3A, VGS=0V
-0.7
-1.3
V
Dynam ic=
Q g
Total G ate C harge
105
135
Q gs
G ate-Source C harge
10.8
Q gd
G ate-D rain C harge
VDS=-15V , VGS=-10V
lD=-13A
13.6
nC
td(ON)
Turn-on D elay Tim e
15
30
T r
Turn-on R ise Tim e
20
30
td(OFF)
Turn-off D elay Tim e
55
85
T f
Turn-off Fall Tim e
VDD=-15V , ID=-1A ,
VGEN=-10V , R G=6Ω
R L=15Ω
40
65
ns
C iss
Input C apacitance
4730
C oss
O utput C apacitance
800
C rss
R everse Transfer C apacitance
VGS=0V
VDS=-25V
Frequency=1.0M H z
240
pF

 Notes
a
: Pulse test ; pulse width ≤300µs, duty cycle ≤ 2%
b
: Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com