| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LARA-R6801-00B Datasheet(PDF) 34 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
LARA-R6801-00B Datasheet(HTML) 34 Page - u-blox AG |
|
34 / 41 page ![]() LARA-R6 series - Data sheet UBX-21004391 - R09 Product handling & soldering Page 34 of 41 C1-Public 7 Product handling & soldering 7.1 Packaging LARA-R6 series modules are delivered as hermetically sealed reeled tapes, to enable efficient production, production lot set-up and tear-down. For more information about packaging, see the u-blox package information user guide [4]. 7.1.1 Reels LARA-R6 series modules are deliverable in quantities of 150 pieces on a reel. The modules are delivered using the reel type B2 described in the u-blox package information user guide [4]. Quantities of less than 150 pieces are also available. Contact u-blox for more information. 7.1.2 Tapes Figure 7 shows the position and the orientation of LARA-R6 series modules as they are delivered on the tape, while Figure 8 and Table 36 below specify the tape dimensions. Pin 1 Sprocket hole Feed direction Figure 7: Orientation for LARA modules on tape Figure 8: LARA-R6 series modules tape dimensions |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |