Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P6KE400A Datasheet(PDF) 3 Page - Pan Jit International Inc.

No. de pieza P6KE400A
Descripción Electrónicos  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6KE400A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P6KE400A Datasheet HTML 1Page - Pan Jit International Inc. P6KE400A Datasheet HTML 2Page - Pan Jit International Inc. P6KE400A Datasheet HTML 3Page - Pan Jit International Inc. P6KE400A Datasheet HTML 4Page - Pan Jit International Inc. P6KE400A Datasheet HTML 5Page - Pan Jit International Inc. P6KE400A Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5.00
3.75
2.50
1.25
0
0
25
50
75
100
125
150
175
200
L = .375"(9.5mm)
20mm×20mm×1mm Cu
Copper Heat Sinks
(0.8"×0.8"×0.40")
TL, LEAD TEMPERATURE, ℃
200
100
50
0
1
10
50
100
TJ = TJ max
8.3ms SINGLE HALF SINE
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-STEADY STATE POWER DERATING CURVE
Fig. 6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
UNI-DIRECTIONAL 600 Watt Axial Lead TVS
UNI-DIRECTION
AL
PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
P6KE6.8
P6KE6.8A
P6KE7.5
P6KE7.5A
5.50
5.80
6.05
6.40
6.12
6.45
6.75
7.13
7.48
7.14
8.25
7.88
10
10
10
10
10.8
10.5
11.7
11.3
56.0
57.0
51.0
53.0
1000
1000
500
500
P6KE8.2
P6KE8.2A
P6KE9.1
P6KE9.1A
6.63
7.02
7.37
7.78
7.38
7.79
8.19
8.65
9.02
8.61
10.00
9.50
10
10
1
1
12.5
12.1
13.8
13.4
48.0
50.0
44.0
45.0
200
200
50
50
P6KE10
P6KE10A
P6KE11
P6KE11A
8.10
8.55
8.92
9.40
9.00
9.50
9.90
10.50
11.00
10.50
12.10
11.60
1
1
1
1
15.0
14.5
16.2
15.6
40.0
41.0
37.0
38.0
10
10
5
5
P6KE12
P6KE12A
P6KE13
P6KE13A
9.72
10.20
10.50
11.10
10.80
11.40
11.70
12.40
13.20
12.60
14.30
13.70
1
1
1
1
17.3
16.7
19.0
18.2
35.0
36.0
32.0
33.0
5
5
5
5
P6KE15
P6KE15A
P6KE16
P6KE16A
12.10
12.80
12.90
13.60
13.50
14.30
14.40
15.20
16.50
15.80
17.60
16.80
1
1
1
1
22.0
21.2
23.5
22.5
27.0
28.0
26.0
27.0
5
5
5
5
P6KE18
P6KE18A
P6KE20
P6KE20A
14.50
15.30
16.20
17.10
16.20
17.10
18.00
19.00
19.80
18.90
22.00
21.00
1
1
1
1
26.5
25.2
29.1
27.7
23.0
24.0
21.0
22.0
5
5
5
5
P6KE22
P6KE22A
P6KE24
P6KE24A
17.80
18.80
19.40
20.50
19.80
20.90
21.60
22.80
24.20
23.10
26.40
25.20
1
1
1
1
31.9
30.6
34.7
33.2
19.0
20.0
17.0
18.0
5
5
5
5
P6KE27
P6KE27A
P6KE30
P6KE30A
21.80
23.10
24.30
25.60
24.30
25.70
27.00
28.50
29.70
28.40
33.00
31.50
1
1
1
1
39.1
37.5
43.5
41.4
15.0
16.0
14.0
14.4
5
5
5
5
P6KE33
P6KE33A
P6KE36
P6KE36A
26.80
28.20
29.10
30.80
29.70
31.40
32.40
34.20
36.30
34.70
39.60
37.80
1
1
1
1
47.7
45.7
52.0
49.9
12.6
13.2
11.6
12.0
5
5
5
5
P6KE39
P6KE39A
P6KE43
P6KE43A
31.60
33.30
34.80
36.80
35.10
37.10
38.70
40.90
42.90
41.00
47.30
45.20
1
1
1
1
56.4
53.9
61.9
59.3
10.6
11.2
9.6
10.1
5
5
5
5
P6KE47
P6KE47A
P6KE51
P6KE51A
38.10
40.20
41.30
43.60
42.30
44.70
45.90
48.50
51.70
49.40
56.10
53.60
1
1
1
1
67.8
64.8
73.5
70.1
8.9
9.3
8.2
8.6
5
5
5
5
P6KE56
P6KE56A
P6KE62
P6KE62A
45.60
47.80
50.20
53.00
50.40
53.20
55.80
58.90
61.60
58.80
68.20
65.10
1
1
1
1
80.5
77.0
89.0
85.0
7.4
7.8
6.8
7.1
5
5
5
5



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com