Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SLES025 Datasheet(PDF) 23 Page - Texas Instruments

No. de pieza SLES025
Descripción Electrónicos  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SLES025 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SLES025 Datasheet HTML 19Page - Texas Instruments SLES025 Datasheet HTML 20Page - Texas Instruments SLES025 Datasheet HTML 21Page - Texas Instruments SLES025 Datasheet HTML 22Page - Texas Instruments SLES025 Datasheet HTML 23Page - Texas Instruments SLES025 Datasheet HTML 24Page - Texas Instruments SLES025 Datasheet HTML 25Page - Texas Instruments SLES025 Datasheet HTML 26Page - Texas Instruments SLES025 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
www.ti.com
AIC3204 Control Software
Figure 16. Register Tables Panel
4.4
Command-Line Interface Panel
The Command-Line Interface panel provides a means to communicate with the TLV320AIC3204 using a
simple scripting language (described in Section G.3). The TAS1020B USB Controller (located on the USB-
MODEVM motherboard) handles all communication between the PC and the TLV320AIC3204.
A script is loaded into the command buffer, either by loading a script file using the File menu or by pasting
text from the clipboard using the Ctrl-V key combination (Figure 17).
When the command buffer is executed, the return data packets which result from each individual
command are displayed in the Command History control. This control is an array (with a maximum size
of 100 elements) that contains information about each command as well as status. The Interface box
displays the interface used for a particular command in the Command History array. The Command box
displays the type of command executed (i.e., write, read) for a particular interface. The Flag Retries box
displays the number of read iterations performed by a Wait for Flag command (see Section G.3 for
details). The Register Data array displays the register number and data bytes that correspond to a
particular command.
The Information tab provides additional information related to the Command History as well as
additional settings. The Syntax and Examples tabs provide useful information related to the scripting
language.
The File menu provides some options for working with scripts. The first option, Open Script File..., loads a
command file script into the command buffer. This script can then be executed by pressing the Execute
Command Buffer button. The contents of the Command Buffer can be saved using the Save Script
File... option.
Both the Command Buffer and Command History can be cleared by clicking their corresponding Clear
buttons.
23
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com